Part Number Hot Search : 
MT8963 035CT 93LC4 28F800 MA150 T138AF C5750 RM21B
Product Description
Full Text Search
 

To Download UN222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  small signal transistor arrays 1 publication date: march 2004 sjk00046bed una0222 (UN222) silicon pnp epitaxial planar type (3 elements) silicon npn epitaxial planar type (3 elements) for motor drives features ? small and lightweight ? low power consumption (low v ce(sat) transistor used) ? low voltage drive ? transistors with built-in resistor with 6 elements incorporated absolute maximum ratings t a = 25 c marking symbol: UN222 internal connection unit: mm 1: collector 5: collector 9: base 13: base 2: base 6: base 10: collector 14: emitter 3: collector 7: emitter 11: base 4: base 8: collector 12: collector so14-g1 package note) * : when the dissipation on one device is t c = 25 c 0.8 12 0.5 0.2 +0.1 ?0.0 45 0.4 0.1 6.5 0.3 5.5 0.3 7.7 0.3 1.5 0.1 1.5 +0.2 ?0.1 8 9 10 11 12 13 14 1 4567 23 12 0.5 0.2 0.9 0.1 14 13 12 11 10 9 8 1 2 3 4 5 6 7 parameter symbol rating unit pnp collector-base voltage v cbo ? 10 v (emitter open) collector-emitter voltage v ceo ? 10 v (base open) collector current i c ? 3a peak collector current i cp ? 4a npn collector-base voltage v cbo 10 v (emitter open) collector-emitter voltage v ceo 10 v (base open) collector current i c 3a peak collector current i cp 4a overall total power dissipation * p t 0.5 w junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c note) the part number in the parenthesis shows conventional part number.
una0222 2 sjk00046bed electrical characteristics t a = 25 c 3 c ? pnp ? npn parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 10 v collector-emitter voltage (base open) v ceo i c = ? 1 ma, i b = 0 ? 10 v collector-base cutoff current (emitter open) i cbo v cb = ? 6 v, i e = 0 ? 1 a forward current transfer ratio h fe v ce = ? 1 v, i c = ? 0.5 a 200 700 ? collector-emitter saturation voltage v ce(sat) i c = ? 2 a, i b = ? 50 ma ? 0.45 v transition frequency f t v cb = ? 6 v, i e = 50 ma, f = 200 mhz 150 mhz collector output capacitance c ob v cb = ? 6 v, i e = 0, f = 1 mhz 70 pf (common base, input open circuited) forward voltage * 1 v f i f = ? 1 a ? 1.5 v bias resistance * 2 r eb ? 30% 10 + 30% k ? parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 10 a, i e = 010v collector-emitter voltage (base open) v ceo i c = 1 ma, i b = 010v collector-base cutoff current (emitter open) i cbo v cb = 6 v, i e = 01 a forward current transfer ratio h fe v ce = 1 v, i c = 0.5 a 200 700 ? collector-emitter saturation voltage v ce(sat) i c = 2 a, i b = 50 ma 0.25 v transition frequency f t v cb = 6 v, i e = ? 50 ma, f = 200 mhz 150 mhz collector output capacitance c ob v cb = 6 v, i e = 0, f = 1 mhz 50 pf (common base, input open circuited) forward voltage * 1 v f i f = 1 a 1.5 v bias resistance * 2 r eb ? 30% 10 + 30% k ? note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * 1: application to the built-in diode * 2: application to the built-in resistance
una0222 3 sjk00046bed characteristics charts of pnp transistor block i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb ? 2 0 ? 4 ? 6 ? 8 ? 10 ? 12 0 ? 1 ? 2 ? 3 ? 4 ? 5 ? 6 t a = 25 c ? 10 ma ? 8 ma ? 6 ma ? 2 ma ? 4 ma i b = ? 12 ma collector current i c ( a ) collector-emitter voltage v ce ( v ) ? 0.01 ? 0.1 ? 1 ? 10 ? 10 ? 3 ? 10 i c / i b = 40 ? 10 ? 2 ? 10 ? 1 ? 1 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) 0 100 200 300 400 500 600 v ce = ? 1 v ? 0.01 ? 0.1 ? 1 ? 10 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( a ) ? 1 ? 10 ? 100 0 240 120 40 80 160 200 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb ( v ) common characteristics chart p t ? t a 0 40 80 120 160 0 0.1 0.2 0.3 0.4 0.5 0.6 total power dissipation p t ( w ) ambient temperature t a ( c )
una0222 4 sjk00046bed characteristics charts of npn transistor block i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb 2 0 4 6 8 10 12 0 1 2 3 4 5 6 t a = 25 c 10 ma 8 ma 6 ma 2 ma 4 ma i b = 12 ma collector current i c ( a ) collector-emitter voltage v ce ( v ) 10 ? 3 10 i c / i b = 40 10 ? 2 10 ? 1 1 0.01 0.1 1 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) 0 100 200 300 400 500 600 v ce = 1 v 0.01 0.1 1 10 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( a ) 1 10 100 0 240 120 40 80 160 200 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb ( v )
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of UN222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X